Part Number Hot Search : 
1N4703 B2050 3DD130 5367B SMBJ130A GBU25005 UGP7N60 IRL8113
Product Description
Full Text Search
 

To Download L6560A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L6560 L6560A
POWER FACTOR CORRECTOR
VERY PRECISE ADJUSTABLE INTERNAL OUTPUT OVERVOLTAGE PROTECTION HYSTERETIC START-UP (ISTART-UP < 0.5mA) VERY LOW QUIESCENT CURRENT (< 3.5mA) INTERNAL START-UP TIMER TRANSITION MODE OPERATING TOTEM POLE OUTPUT CURRENT: 400mA DIP8/SO8 PACKAGES DESCRIPTION The L6560/A is a monolithic integrated circuit in Minidip and SO8 packages, designed as a controller and driver of a discrete power MOS transistor for the implementation of active power factor correction, for sinusoidal line current consumption. Realized in mixed BCD technology, the chip integrates: - An undervoltage lockout with micropower startup and hysteresis. - An internal temperature compensated precise band gap reference. - A stable error amplifier. BLOCK DIAGRAM
MULTIPOWER BCD TECHNOLOGY
Minidip
SO8
ORDERING NUMBERS: L6560 L6560D L6560A L6560AD
- One quadrant multiplier. - Current sense comparator. - An output overvoltage protection circuit. - A totem-pole output stage able to drive a POWER MOS or IGBT devices with source and sink current of 400mA. The chip works in transition mode and is particularly intended for lamp ballast applications and for low power SMPS.
July 1997
1/11
L6560 - L6560A
ABSOLUTE MAXIMUM RATINGS
Symbol IVcc IGD INV, COMP MULT CS ZCD Ptot Tj Tstg Pin 8 7 1, 2, 3 4 5 ICC + IZ Output Totem Pole Peak Current (2s) Analog Inputs & Outputs Current Sense Input Zero Current Detector Power Dissipation @Tamb = 50 C Junction Temperature Operating Range Storage Temperature (Minidip) (SO8) Parameter Value 30 700 -0.3 to 7 -0.3 to 7 5 (source) 10 (sink) 1 0.65 -25 to 150 -55 to 150 Unit mA mA V V mA mA W C C
PIN CONNECTION
THERMAL DATA
Symbol Rth j-amb Parameter Thermal Resistance Junction-ambient SO 8 150 MINIDIP 100 Unit C/W
PIN FUNCTIONS
N. 1 2 3 4 5 6 7 8 2/11 Name INV COMP MULT CS ZCD GND GD VCC Function Inverting input of the error amplifier. A resistive divider is connected between output regulated voltage and this point, to provide the voltage feedback. Output of error amplifier. A feedback compensation network is placed between this pin and the INV pin. Input of the multipler stage. A resistive divider connects to this pin the rectified mains. A voltage signal, proportional to the rectified mains, appears on this pin. Input to the comparator of the control loop. The current is sensed by a resistor and the resulting voltage is applied to this pin. Zero current detection input. Ground of the control section. Gate driver output. A push pull output stage is able to drive the Power MOS with peak current of 400mA (source and sink). Supply voltage of driver and control circuits.
L6560 - L6560A
ELECTRICAL CHARACTERISTICS (VCC = 14.5V; Tj = 25C unless otherwise specified) SUPPLY VOLTAGE SECTION
Symbol VCC VCC ON VCC OFF Hys Pin 8 8 8 8 Parameter Operating Range Turn-on Threshold Turn-off Threshold Hysteresis Test Condition after turn-on L6560 L6560A L6560 L6560A L6560 L6560A Min. 11 13.5 11 9 8.7 4.3 2.5 14.5 12 10 9.6 4.7 2.8 Typ. Max. 18 15.5 13 11 10.5 5.1 3.1 Unit V V v V V V V
SUPPLY CURRENT SECTION
Symbol ISTART-U Pin 8 Parameter Start-up Current Test Condition before turn-on at: VCC = 13V (L6560) VCC = 10.5V (L6560A) CL = 0nF @ 70KHz CL = 1nF @ 70KHz in OVP condition Vpin1 = 2.7V VZ 8 Zener Voltage ICC = 25mA 18 Min. Typ. 0.3 Max. 0.5 Unit mA
ICC
8
Operating Supply Current
2.5 3.2 0.9 20
3.5 4 1.3 22
mA mA mA V
ERROR AMPLIFIER SECTION
Symbol VINV TS RL IINV GV ICOMP 2 1 Pin 1 Parameter Voltage Feedback Input Threshold Temperature Stability Line Regulation Input Bias Current Voltage Gain Source Current (V1 < Vref) Sink Current (V1 > Vref) Open loop VCOMP = 5V 60 0.14 0.5 Test Condition -25 TJ 85C; 12V < VCC < 18V Tamb = -25 to 85C VCC = 11 to 18V Min. 2.46 2.43 0.5 1 0.1 80 0.2 1 4 1 Typ. 2.5 Max. 2.54 2.56 % mV A dB mA mA Unit V
MULTIPLIER SECTION
Symbol VMULT VCS Vmult K Pin 3 Parameter Operating Voltage Output Max. Slope VMULT = from 0V to 1V VCOMP = 6V VMULT = 1V VCOMP = 5V Test Condition Min. 0.9 Typ. 1.25 Max. 1.6 Unit V 0 to 2.5 0 to 4.2
Gain
0.45
0.65
0.85
1/V
CURRENT SENSE COMPARATOR
Symbol VCS ICS td (H-L) Pin 4 4 4 Parameter Voltage Threshold Input Bias Current Delay to Output 200 Test Condition VMULT = 2.5V VCOMP = 6V Min. 1.6 Typ. Max. 1.9 5 400 Unit V A ns
3/11
L6560 - L6560A
ELECTRICAL CHARACTERISTICS (continued) ZERO CURRENT DETECTOR
Symbol VZCD Pin 5 Parameter Input Threshold Voltage Rising Edge Hysteresis VZCD VZCD 5 5 Clamp Voltage Clamp Voltage IZCD = 3mA IZCD = -3mA Test Condition Min. 1.8 0.3 5 0.4 0.5 5.7 0.7 Typ. Max. 2.3 0.7 6.4 1 Unit V V V V
OUTPUT SECTION
Symbol VGD Pin 7 Parameter Dropout Voltage Test Condition IGDsource = 200mA IGDsource = 20mA IGDsink = 200mA IGDsink = 20mA tr tf 7 7 Output Voltage Rise Time Output Voltage Fall Time CL = 1nF CL = 1nF 50 40 Min. Typ. 1.2 0.7 Max. 2 1 1.5 0.3 120 100 Unit V V V V ns ns
OUTPUT OVERVOLTAGE SECTION
Symbol IOVP Pin 2 Parameter OVP Triggering Current Test Condition Min. 36 Typ. 40 Max. 44 Unit A
RESTART TIMER
Symbol tSTART Pin Parameter Start Timer Test Condition Min. 45 Typ. 60 Max. Unit s
OVER VOLTAGE PROTECTION OVP The output voltage is expected to be kept by the operation of the PFC circuits close to its reference value that is set by the ratio of the two external resistors R1 and R2 (see fig. 2), taking into consideration that the non inverting input of the error amplifier is biased inside the L6560 at 2.5V. In steady state conditions, the current through R1 and R2 is: ISC = Voutsc - 2.5 R1 2.5 or ISC = R2
IR1 =
Voutsc + VOUT - 2.5 = Isc + I. R1
and, if the external compensation network is made only with a capacitor C, the current through C is equal zero. When the output voltage increases abruptly the current through R1 becomes: IR1 = Vout - 2.5 R1
Since the current through R2 doesn't change, the I current must flow through the capacitor C and enter in the error amplifier. This current is mirrored inside the L6560, and compared with a precise internal reference of 40A. Whenever such 40A limit is exceed, the OVP protection is triggered (Dynamic OVP), and the external power transistor is switched off, until the overvoltage situation disappears. However if the overvoltage persists, before that the transient condition of dynamic circuit exhausts, an internal comparator (Static OVP) latches the OVP condition keeping the external power switch turned off (see fig. 1). The OVP value is threfore set by the equation OVP = Vout = R1 40A. Typical values for R1, R2 and C are reported in the application circuit. The overvoltage can be set independently from the average output voltage. The precision in setting the overvoltage threshold is 7% of the overvoltage value (for instance V = 60V 4.2V).
4/11
L6560 - L6560A
Figure 1.
OVER VOLTAGE
VOUT nominal
40A ISC
E/A OUTPUT 3.1V
DYNAMIC OVP
STATIC OVP
D95IN219A
Figure 2: Overvoltage Protection Circuit
Ccomp. +Vo R1 1 R2 + 2.5V 3.1V I +
E/A
I 2 X PWM
DRIVER
40A
D93IN035B
5/11
L6560 - L6560A
Figure 3: Typical Application Circuit (100W)
D1 BYT03-400 C6 T R7 1.5M 1% C3 330nF
+
Vo=240V Po=100W
R3 68K 5% BRIDGE + 4 x BY255 FUSE 4A/250V Vac (85V to 135V) R10 16K 1%
D3 1N4150 D2 1N5248B
R2 100 5%
10nF
R1 68K 5% 5 2 1 7 4 R4 330 C7 10nF C4 1nF R6 0.33 1W R8 16K 1%
D94IN050B
C1 1F 250V
R9 1.5M 1%
8
L6560
3 C2 22F 25V 6
R5 10
MOS IRF740
C5 150F 315V
-
TRANSFORMER T: core THOMSON-CSF B1ET2910A (ETD 29 x 16 x 10mm) OR EQUIVALENT primary 90T of Litz wire 10 x 0.2mm secondary 11T of #27 AWG (0.15mm) gap 1.9mm for a total primary inductance of 0.6mH
Figure 4: Typical Application Circuit (120W)
D1 BYT13-600 C6 T R7 1M 1% C3 1F
+
Vo=400V Po=120W
R3 220K 5% BRIDGE + 4 x BY255 FUSE 4A/250V Vac (175V to 265V) R10 6.2K 1%
D3 1N4150 D2 1N5248B
R2 100 5%
4.7nF
R1 68K 5% 5 2 1 7 4 R4 330 C7 10nF C4 1nF R6 0.4 1W R8 6.34K 1%
D94IN049A
C1 1F 400V
R9 1.8M 1%
8
L6560
3 C2 22F 25V 6
R5 10
MOS STP8NA50
C5 47F 450V
-
TRANSFORMER T: core THOMSON-CSF B1ET2910A (ETD 29 x 16 x 10mm) OR EQUIVALENT primary 90T of Litz wire 10 x 0.2mm secondary 7T of #27 AWG (0.15mm) gap 1.25mm for a total primary inductance of 0.8mH
6/11
L6560 - L6560A
Figure 5: P.C. Board and Component Layout of the Figg. 3 and 4 (1:1.25 scale)
Figure 6: OVPCurrent Threshold vs. Temperature
D94IN047
Figure 7: Undervoltage Lockout Threshold vs. Temperature
VCC-TH-ON (V) 14
D94IN044
IOVP (mA)
42
13
41
12 VCC-TH-OFF (V) 10 9
40
39 -50 -25 0 25 50 75 100 125 T (C)
-25
0
25
50 T (C)
75
100
125
7/11
L6560 - L6560A
Figure 9: Voltage Feedback Input Threshold vs. Temperature
VREF (V)
D94IN048
Figure 8: Supply Current vs. Supply Voltage
ICC (mA) 4 CL = 1nF f = 70KHz TA = 25C
D94IN045
2.50 3
2 2.48 1
0 -5 0 5 10 15 20 VCC(V)
2.46 -50 0 50 100 T (C)
Figure 10: Output Saturation Voltage vs. Sink Current
VPIN7 (V) VCC = 14.5V 2.0
D94IN046
Figure 11: Output Saturation Voltage vs. Source Current
VPIN7 (V) VCC = 14.5V
VCC -0.5
D94IN053
SINK
1.5
VCC -1.0
1.0
VCC -1.5
0.5
VCC -2.0
SOURCE
0 0 100 200 300 400 IGD (mA)
0 0 100 200 300 400 IGD (mA)
Figure 12: Multiplier Characteristics Family
VCS(pin4) (V) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -1.0 0.0 1.0 2.0 3.0 VMULT(pin3) (V) 4.0 5.0
3.7 3.9
D94IN042
Figure 13: Multiplier Characteristics Family
(V) 5.7
5.1 4.7
VCOMP(pin2)
VCS (pin4) (mV) 550 500 450 400 350 300 250 200 150 100 50 0 -200 -100
D94IN043
VCOMP 5.7
4.3 4.1
5.1 4.7 4.3 4.1 3.9 3.7 3.6 0 100 200 VMULT (pin3) (mV) 300 400
3.6
8/11
L6560 - L6560A
MINIDIP PACKAGE MECHANICAL DATA
DIM Min. A a1 B b b1 D E e e3 e4 F i L Z 3.18 7.95 2.54 7.62 7.62 6.6 5.08 3.81 1.52 0.125 0.51 1.15 0.356 0.204 1.65 0.55 0.304 10.92 9.75 0.313 0.100 0.300 0.300 0260 0.200 0.150 0.060 mm Typ. 3.32 0.020 0.045 0.014 0.008 0.065 0.022 0.012 0.430 0.384 Max. Min. inch Typ. 0.131 Max.
9/11
L6560 - L6560A
SO8 PACKAGE MECHANICAL DATA
DIM Min. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 1.27 0.6 8 (max.)
o
mm Typ. Max. 1.75 0.1 0.25 1.65 0.65 0.35 0.19 0.25 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2 0.189 0.228
o
inch Min. Typ. Max. 0.069 0.004 0.010 0.065 0.026 0.014 0.007 0.010 0.033 0.019 0.010 0.020
0.197 0.244 0.050 0.150
0.150 0.016
0.157 0.050 0.024
10/11
L6560 - L6560A
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGSTHOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
11/11


▲Up To Search▲   

 
Price & Availability of L6560A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X